PART |
Description |
Maker |
FX029 FX029DW |
Dual digitally controlled amplifier array Dual Digitally Controlled Amp Array
|
CONSUMER MICROCIRCUITS LIMITED
|
EP9430-800 EP9430-13 EP9430-95 EP9430-45 EP9430-40 |
Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 20-PDIP Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 20-PDIP Quad Digital Controlled Potentionmeters (XDCP), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: -40°C to 85°C; Package DELAY LINE|FIXED TAPS|1-LINE|1-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料
|
Fairchild Semiconductor, Corp.
|
MX029 |
Dual Digitally Controlled Amplifier
|
CML Microcircuits
|
X9269 X9269TB16 X9269TB16-2.7 X9269TB16I X9269TB16 |
Dual Digitally-Controlled Potentiometers
|
XICOR[Xicor Inc.]
|
X9269_07 X9269 X9269TS24 X9269TS24-2.7 X9269TS24I |
Dual Digitally-Controlled Potentiometers
|
INTERSIL[Intersil Corporation]
|
X941006 X9410YS24IZ-2.7 X9410 X9410WP24I X9410WP24 |
Dual Digitally Controlled Potentiometer
|
INTERSIL[Intersil Corporation]
|
X9221A |
Dual Digitally Controlled Potentiometer (XDCP)
|
Xicor
|
X93254 X93254UV141-3 |
Dual Digitally Controlled Potentiometers(XDCPs?
|
Intersil Corporation http://
|
X9455 X9255 |
Dual Two-wiper Digitally-Controlled Potentiometer(带两个滑动端的双路数控电位器) Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer(带两个滑动端的双路数控电位器(XDCP))
|
Xicor Inc.
|